Part Number Hot Search : 
MM914 00415 C3331 2545CT 1N4454 M29W64 SF0140 NFM41
Product Description
Full Text Search
 

To Download NRWP221M100V125X20F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nrwp series radial leads, polarized, new further reduced case sizing, from nrws wide temperature range characteristics ex tend ed tem per a ture nrws nrwp (today?s standard) (reduced sizes) rated voltage range 6.3 ~ 450vdc capacitance range 0.47 ~ 33,000 f operating temperature range 6.3 ~ 100vdc -55c ~ +105c 160 ~ 400vdc -40c ~ +105c 450vdc -25c ~ +105c capacitance tolerance 20% (m) maximum leakage current 6.3 ~ 100vdc 0.01cv or 3 a whichever is greater (after 2 minutes) 160 ~ 450vdc for cv's < 1000 lc = 0.1cv + 40 a (after 1 minute), 0.03cv + 15 a (after 5 minutes) for cv's > 1000 lc = 0.04cv + 100 a (after 1 minute), 0.02cv + 25 a (after 5 minutes) max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 s.v. (vdc) 8 13 20 32 44 63 79 125 all part numbers see speci cations tables low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 63 100 z-25c/z+20c 54322222 z-40c/z+20c 10 8643333 w.v. (vdc) 160 200 250 350 400 450 n/a z-25c/z+20c 334667 z-40c/z+20c 448810- load life test @ 105c duration d < 8: 1,000 hours, d > 10: 2,000 hours capacitance within 25% of initial measured value tan less than 200% of speci ed value lc less than speci ed value *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials = d < 16mm = 1.5mm, l > 16mm = 2.0mm for all 160v ~ 450v parts = 2.0mm case dia. (d ) 5 6.3 8 10 12.5 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 lead spacing and diameter (mm) dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - + size (d ? xl) tape and box* nrwp 221 m 50v 10x12.5 series tb capacitance code tolerance code rated voltage rohs compliant f part numbering system *see tape speci cation for details new expanded high voltage (up to 450v)
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nrwp series part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nrwp101m6.3v5x11f 100 6.3 0.28 96 4.64 1,000 nrwp221m6.3v5x11f 220 0.28 160 2.11 1,000 nrwp331m6.3v6.3x11f 330 0.28 210 1.41 1,000 nrwp471m6.3v6.3x11f 470 0.28 275 0.99 1,000 nrwp681m6.3v6.3x11f 680 0.28 285 0.68 1,000 nrwp102m6.3v8x11.5f 1,000 0.28 460 0.46 1,000 nrwp222m6.3v10x16f 2,200 0.30 775 0.23 2,000 nrwp332m6.3v10x20f 3,300 0.32 985 0.16 2,000 nrwp472m6.3v12.5x20f 4,700 0.34 1150 0.12 2,000 nrwp682m6.3v12.5x25f 6,800 0.38 1480 0.09 2,000 nrwp103m6.3v16x25f 10,000 0.46 1700 0.08 2,000 nrwp153m6.3v16x31.5f 15,000 0.56 2090 0.06 2,000 nrwp223m6.3v18x31.5f 22,000 0.70 2280 0.05 2,000 nrwp333m6.3v18x40f 33,000 0.92 2350 0.05 2,000 nrwp101m10v5x11f 100 10 0.24 105 3.98 1,000 nrwp221m10v5x11f 220 0.24 165 1.81 1,000 nrwp331m10v6.3x11f 330 0.24 235 1.21 1,000 nrwp471m10v6.3x11f 470 0.24 295 0.85 1,000 nrwp681m10v8x11.5f 680 0.24 430 0.59 1,000 nrwp102m10v8x11.5f 1,000 0.24 500 0.40 1,000 nrwp222m10v10x16f 2,200 0.26 860 0.20 2,000 nrwp332m10v10x20f 3,300 0.28 1100 0.14 2,000 nrwp472m10v12.5x20f 4,700 0.30 1350 0.11 2,000 nrwp682m10v16x25f 6,800 0.34 1700 0.08 2,000 nrwp103m10v16x25f 10,000 0.42 1950 0.07 2,000 nrwp153m10v16x35.5f 15,000 0.52 2090 0.06 2,000 nrwp223m10v18x35.5f 22,000 0.66 2180 0.05 2,000 nrwp470m16v5x11f 47 16 0.20 80 7.06 1,000 nrwp101m16v5x11f 100 0.20 130 3.32 1,000 nrwp221m16v6.3x11f 220 0.20 220 1.51 1,000 nrwp331m16v6.3x11f 330 0.20 270 1.01 1,000 nrwp471m16v8x11.5f 470 0.20 375 0.71 1,000 nrwp681m16v8x11.5f 680 0.20 480 0.49 1,000 nrwp102m16v10x12.5f 1,000 0.20 640 0.33 2,000 nrwp222m16v10x20f 2,200 0.22 1050 0.17 2,000 nrwp332m16v12.5x20f 3,300 0.24 1300 0.12 2,000 nrwp472m16v12.5x25f 4,700 0.26 1650 0.09 2,000 nrwp682m16v16x25f 6,800 0.30 1900 0.07 2,000 nrwp103m16v16x31.5f 10,000 0.38 1950 0.06 2,000 nrwp153m16v18x35.5f 15,000 0.48 2070 0.05 2,000 nrwp330m25v5x11f 33 25 0.16 69 8.04 1,000 nrwp470m25v5x11f 47 0.16 84 5.65 1,000 nrwp101m25v5x11f 100 0.16 135 2.65 1,000 nrwp221m25v6.3x11f 220 0.16 240 1.21 1,000 nrwp331m25v8x11.5f 330 0.16 335 0.80 1,000 nrwp471m25v8x11.5f 470 0.16 440 0.56 1,000 nrwp681m25v10x12.5f 680 0.16 630 0.39 2,000 nrwp102m25v10x16f 1,000 0.16 740 0.27 2,000 nrwp222m25v12.5x20f 2,200 0.18 1090 0.14 2,000 nrwp332m25v16x25f 3,300 0.20 1500 0.10 2,000 nrwp472m25v16x25f 4,700 0.22 1800 0.08 2,000 nrwp682m25v16x35.5f 6,800 0.26 1910 0.06 2,000 nrwp103m25v18x35.5f 10,000 0.34 2050 0.06 2,000 nrwp220m35v5x11f 22 35 0.14 64 10.56 1,000 nrwp330m35v5x11f 33 0.14 77 7.04 1,000 nrwp470m35v5x11f 47 0.14 100 4.94 1,000 nrwp101m35v6.3x11f 100 0.14 170 2.32 1,000 nrwp221m35v8x11.5f 220 0.14 300 1.06 1,000 nrwp331m35v10x12.5f 330 0.14 400 0.70 2,000 nrwp471m35v10x12.5f 470 0.14 525 0.49 2,000 nrwp681m35v10x16f 680 0.14 760 0.34 2,000 standard values, specifications and case sizes (mm) represents new value
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nrwp102m35v10x20f 1,000 35 0.14 865 0.23 2,000 nrwp222m35v16x25f 2,200 0.16 1370 0.12 2,000 nrwp332m35v16x25f 3,300 0.18 1680 0.09 2,000 nrwp472m35v16x35.5f 4,700 0.20 1870 0.07 2,000 nrwp682m35v18x35.5f 6,800 0.24 1920 0.06 2,000 nrwp1r0m50v5x11f 1.0 50 0.12 13 199.04 1,000 nrwp2r2m50v5x11f 2.2 0.12 20 90.47 1,000 nrwp3r3m50v5x11f 3.3 0.12 25 60.32 1,000 nrwp4r7m50v5x11f 4.7 0.12 32 42.35 1,000 nrwp100m50v5x11f 10 0.12 47 19.90 1,000 nrwp220m50v5x11f 22 0.12 70 9.05 1,000 nrwp330m50v5x11f 33 0.12 94 6.03 1,000 nrwp470m50v6.3x11f 47 0.12 115 4.23 1,000 nrwp101m50v8x11.5f 100 0.12 200 1.99 1,000 nrwp221m50v10x12.5f 220 0.12 360 0.90 2,000 nrwp331m50v10x16f 330 0.12 470 0.60 2,000 nrwp471m50v10x20f 470 0.12 600 0.42 2,000 nrwp681m50v12.5x20f 680 0.12 980 0.29 2,000 nrwp102m50v12.5x25f 1,000 0.12 1060 0.20 2,000 nrwp222m50v16x31.5f 2,200 0.14 1600 0.11 2,000 nrwp332m50v18x35.5f 3,300 0.16 1780 0.08 2,000 nrwp100m63v5x11f 10 63 0.10 48 16.59 1,000 nrwp220m63v5x11f 22 0.10 80 7.54 1,000 nrwp330m63v6.3x11f 33 0.10 100 5.03 1,000 nrwp470m63v6.3x11f 47 0.10 140 3.53 1,000 nrwp101m63v8x11.5f 100 0.10 230 1.66 1,000 nrwp221m63v10x16f 220 0.10 390 0.75 2,000 nrwp331m63v10x20f 330 0.10 540 0.50 2,000 nrwp471m63v12.5x20f 470 0.10 700 0.35 2,000 nrwp681m63v12.5x25f 680 0.10 800 0.24 2,000 nrwp102m63v16x25f 1,000 0.10 1200 0.17 2,000 nrwp222m63v18x31.5f 2,200 0.12 1400 0.09 2,000 nrwp1r0m100v5x11f 1.0 100 0.08 15 132.70 1,000 nrwp2r2m100v5x11f 2.2 0.08 21 60.32 1,000 nrwp3r3m100v5x11f 3.3 0.08 30 40.21 1,000 nrwp4r7m100v5x11f 4.7 0.08 35 28.23 1,000 nrwp100m100v5x11f 10 0.08 60 13.27 1,000 nrwp220m100v6.3x11f 22 0.08 98 6.03 1,000 nrwp330m100v8x11.5f 33 0.08 140 4.02 1,000 nrwp470m100v8x11.5f 47 0.08 185 2.82 1,000 nrwp101m100v10x16f 100 0.08 290 1.33 2,000 nrwp221m100v12.5x20f 220 0.08 560 0.60 2,000 nrwp331m100v12.5x25f 330 0.08 690 0.40 2,000 nrwp471m100v16x25f 470 0.08 880 0.28 2,000 nrwp681m100v16x31.5f 680 0.08 900 0.20 2,000 nrwp102m100v18x35.5f 1,000 0.08 985 0.13 2,000 nrwp4r7m160v6.3x11f 4.7 160 0.20 43 70.58 1,000 nrwp100m160v8x11.5f 10 0.20 77 33.17 1,000 nrwp220m160v10x12.5f 22 0.20 92 15.08 2,000 nrwp330m160v10x16f 33 0.20 125 10.05 2,000 nrwp470m160v10x20f 47 0.20 150 7.06 2,000 nrwp101m160v12.5x25f 100 0.20 320 3.32 2,000 nrwp221m160v16x31.5f 220 0.20 410 1.51 2,000 nrwp331m160v18x31.5f 330 0.20 570 1.01 2,000 nrwp471m160v18x40f 470 0.20 855 0.71 2,000 precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com miniature aluminum electrolytic capacitors nrwp series standard values, specifications and case sizes (mm) represents new value
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nrwp3r3m200v6.3x11f 3.3 200 0.20 36 100.53 1,000 nrwp4r7m200v6.3x11f 4.7 0.20 40 70.58 1,000 nrwp100m200v8x11.5f 10 0.20 57 33.17 1,000 nrwp220m200v10x16f 22 0.20 105 15.08 2,000 nrwp330m200v10x20f 33 0.20 140 10.05 2,000 nrwp470m200v10x20f 47 0.20 195 7.06 2,000 nrwp101m200v16x25f 100 0.20 340 3.32 2,000 nrwp221m200v16x35.5f 220 0.20 580 1.51 2,000 nrwp331m200v18x40f 330 0.20 675 1.01 2,000 nrwpr47m250v6.3x11f 0.47 250 0.20 8 705.83 1,000 nrwp1r0m250v6.3x11f 1.0 0.20 16 331.74 1,000 nrwp2r2m250v6.3x11f 2.2 0.20 30 150.79 1,000 nrwp3r3m250v6.3x11f 3.3 0.20 30 100.53 1,000 nrwp4r7m250v8x11.5f 4.7 0.20 45 70.58 2,000 nrwp100m250v10x12.5f 10 0.20 90 33.17 2,000 nrwp220m250v10x16f 22 0.20 105 15.08 2,000 nrwp330m250v10x20f 33 0.20 140 10.05 2,000 nrwp470m250v12.5x20f 47 0.20 190 7.06 2,000 nrwp101m250v16x25f 100 0.20 310 3.32 2,000 nrwp221m250v18x35.5f 220 0.20 485 1.51 2,000 nrwpr47m350v6.3x11f 0.47 350 0.20 8 705.83 1,000 nrwp1r0m350v6.3x11f 1.0 0.20 16 331.74 1,000 nrwp2r2m350v6.3x11f 2.2 0.20 25 150.79 1,000 nrwp3r3m350v8x11.5f 3.3 0.20 30 100.53 1,000 nrwp4r7m350v8x11.5f 4.7 0.20 45 70.58 1,000 nrwp100m350v10x16f 10 0.20 95 33.17 2,000 nrwp220m350v12.5x20f 22 0.20 175 15.08 2,000 nrwp330m350v12.5x25f 33 0.20 220 10.05 2,000 nrwp470m350v16x25f 47 0.20 260 7.06 2,000 nrwp101m350v18x31.5f 100 0.20 370 3.32 2,000 nrwp1r0m400v6.3x11f 1.0 400 0.25 16 414.68 1,000 nrwp2r2m400v8x11.5f 2.2 0.25 31 188.49 1,000 nrwp3r3m400v8x11.5f 3.3 0.25 34 125.66 1,000 nrwp4r7m400v10x12.5f 4.7 0.25 42 88.23 2,000 nrwp100m400v10x16f 10 0.25 64 41.47 2,000 nrwp220m400v12.5x20f 22 0.25 140 18.85 2,000 nrwp330m400v16x25f 33 0.25 170 12.57 2,000 nrwp470m400v16x25f 47 0.25 200 8.82 2,000 nrwp101m400v18x35.5f 100 0.25 310 4.15 2,000 nrwp1r0m450v6.3x11f 1.0 450 0.25 15 414.68 1,000 nrwp2r2m450v8x11.5f 2.2 0.25 20 188.49 1,000 nrwp3r3m450v10x12.5f 3.3 0.25 33 125.66 2,000 nrwp4r7m450v10x12.5f 4.7 0.25 35 88.23 2,000 nrwp100m450v10x20f 10 0.25 37 41.47 2,000 nrwp220m450v12.5x25f 22 0.25 100 18.85 2,000 nrwp330m450v16x25f 33 0.25 125 12.57 2,000 nrwp470m450v16x31.5f 47 0.25 155 8.82 2,000 nrwp101m450v18x40f 100 0.25 200 4.15 2,000 miniature aluminum electrolytic capacitors nrwp series standard values, specifications and case sizes (mm) cap. ( f) 60hz 120hz 500hz 1khz 10khz ~ up 0.47 ~ 1.0 0.50 1.00 1.20 1.30 1.50 2.2 ~ 4.7 0.65 1.00 1.20 1.30 1.50 10 ~ 47 0.80 1.00 1.20 1.30 1.50 100 ~ 1,000 0.80 1.00 1.10 1.15 1.20 2,200 ~ 33,000 0.80 1.00 1.05 1.10 1.15 ripple current frequency correction factor represents new value
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?tbn?. standard radial taping (5mm lead spacing, formed leads) tb case dia. (d ) 10 12.5 case size all all dim. d 0.05 0.6 0.6 h 0.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p 1.0 25.4* p 0 12.7 0.2 p 1 3.85 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d ) 5 6.3 8 case size 5x11 6.3x11 8x11.5 dim. d 0.05 0.5 0.5 0.6 h 0.75 18.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 1.0 p 0 12.7 0.2 p 1 3.85 0.5 (at end of tape) p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t p 2 p ? p 1 w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w 1 h miniature aluminum electrolytic capacitors nrwp series
6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change taping dimensions (mm) special straight lead taping tbst* case dia. (d ) 5 6.3 8 case size 5x11 6.3x11 8x11.5 dim. d 0.05 0.5 0.5 0.6 h 0.75 18.5 18.5 20.0 f +0.8 ~ -0.2 2.0 2.5 3.5 p 1.0 12.7 0.2 p 0 12.7 0.2 p 1 5.1 5.1 4.6 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. case dia. (d ) 5 case size 5x11 dim. d 0.05 0.5 h 0.75 18.5 h 0 0.5 - f 2.5 -02 ~ +0.8 p 12.7 1.0 p 0 12.7 0.2 p 1 5.1 0.5 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 t 0.7 0.2 taping dimensions (mm) p 2 p ? d p 1 w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w h 1max t h h 0 1max t h p 2 p ? d w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w 1 h *straight leads will extend from the based of the component to the edge of the carrier. the section of lead below the adhesive tape may be straight or formed. miniature aluminum electrolytic capacitors nrwp series
7 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 5x11 2,000 340 255 55 6.3x11 2,000 331 280 48 8x11.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61 miniature aluminum electrolytic capacitors nrwp series


▲Up To Search▲   

 
Price & Availability of NRWP221M100V125X20F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X